PART |
Description |
Maker |
SC16IS752 SC16IS752IBS SC16IS752IPW SC16IS762 SC16 |
DUAL UART WITH I2C-BUS/SPI INTERFACE, 64 BYTES OF TRANSMIT AND RECEIVE FIFOS, IRDA SIR BUILT-IN SUPPORT
|
Philips Semiconductors
|
SC16IS752IBS157 |
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
SC68C2550B SC68C2550BIB48 SC68C2550BIB48128 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48
|
NXP Semiconductors N.V.
|
ISL54216EVAL1Z ISL54216IRTZ ISL54216IRTZ-T ISL5421 |
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
|
Intersil Corporation
|
MC68HLC705KJ1C MC68HLC705KJ1CDW MC68HLC705KJ1CS MC |
HCMOS microcontroller unit, 64 bytes RAM, 1240 bytes ROM, 4 MHz
|
Motorola
|
MC68HC05E16CB MC68HC05E16CFB MC68HC05E16CFU |
16256 bytes of user ROM, 320bytes of EPROM and 352 bytes of RAM
|
Motorola, Inc
|
M37120M6-XXXFP |
ROM: 12228 bytes, RAM: 256 bytes, single-chip 8 bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AT89S825307 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89S8253 AT89S8253-24PSC AT89S8253-24PSI AT89S825 |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
AT89S8253-24PC AT89S8253-24PI AT89S8253-24SC |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL Corporation
|
SC16IS752 |
(SC16IS752 / SC16IS762) Dual UART
|
Philips Semiconductors NXP
|